may 2004 2004 fairchild semiconductor corporation fdd6670a rev e (w) fdd6670a 30v n-channel powertrench mosfet general description this n-channel mosfet has been designed specifically to improve the overall efficiency of dc/dc converters using either synchronous or conventional switching pwm controllers. it has been optimized for low gate charge, low r ds ( on) , fast switching speed and extremely low r ds(on) in a small package. applications dc/dc converter motor drives features 66 a, 30 v r ds(on) = 8 m w @ v gs = 10 v r ds(on) = 10 m w @ v gs = 4.5 v low gate charge fast switching high performance trench technology for extremely low r ds(on) g s d to-252 d-pak (to-252) s g d absolute maximum ratings t a =25 o c unless otherwise noted symbol parameter ratings units v dss drain-source voltage 30 v v gss gate-source voltage 20 v i d continuous drain current @t c =25c (note 3) 66 a @t a =25c (note 1a) 15 pulsed (note 1a) 100 power dissipation @t c =25c (note 3) 63 @t a =25c (note 1a) 3.2 p d @t a =25c (note 1b) 1.3 w t j , t stg operating and storage junction temperature range ?55 to +175 c thermal characteristics r q jc thermal resistance, junction-to-case (note 1) 2.4 c/w r q ja thermal resistance, junction-to-ambient (note 1a) 40 r q ja (note 1b) 96 package marking and ordering information device marking device package reel size tape width quantity fdd6670a fdd6670a d-pak (to-252) 13?? 12mm 2500 units fdd6670a
fdd6670a rev. e(w) electrical characteristics t a = 25c unless otherwise noted symbol parameter test conditions min typ max units drain-source avalanche ratings (note 2) e as drain-source avalanche energy single pulse, v dd = 15 v, i d = 66 a 67 mj i as drain-source avalanche current 66 a off characteristics bv dss drain?source breakdown voltage v gs = 0 v, i d = 250 m a 30 v d bv dss d t j breakdown voltage temperature coefficient i d = 250 m a,referenced to 25 c 26 mv/ c i dss zero gate voltage drain current v ds = 24 v, v gs = 0 v 1 m a i gss gate?body leakage v gs = 20 v, v ds = 0 v 100 na on characteristics (note 2) v gs ( th ) gate threshold voltage v ds = v gs , i d = 250 m a 1 1.8 3 v d v gs( th) d t j gate threshold voltage temperature coefficient i d = 250 m a,referenced to 25 c ?5 mv/ c r ds(on) static drain?source on?resistance v gs = 10 v, i d = 15 a v gs = 4.5 v, i d = 13 a v gs = 10 v, i d = 15 a,t j =125 c 6.3 7.9 9.5 8 10 13 m w i d(on) on?state drain current v gs = 10 v, v ds = 5 v 50 a g fs forward transconductance v ds = 10 v, i d = 15 a 60 s dynamic characteristics c iss input capacitance 1755 pf c oss output capacitance 430 pf c rss reverse transfer capacitance v ds = 15 v, v gs = 0 v, f = 1.0 mhz 180 pf r g gate resistance v gs = 15 mv, f = 1.0 mhz 1.3 pf switching characteristics (note 2) t d(on) turn?on delay time 11 20 ns t r turn?on rise time 12 21 ns t d(off) turn?off delay time 29 47 ns t f turn?off fall time v dd = 15 v, i d = 1 a, v gs = 10 v, r gen = 6 w 19 34 ns q g total gate charge 16 22 nc q gs gate?source charge 4.6 nc q gd gate?drain charge v ds = 15v, i d = 15 a, v gs = 5 v 6.2 nc fdd6670a
fdd6670a rev. e(w) d r p ds(on) electrical characteristics t a = 25c unless otherwise noted symbol parameter test conditions min typ max units drain?source diode characteristics and maximum ratings i s maximum continuous drain?source diode forward current 2.3 a v sd drain?source diode forward voltage v gs = 0 v, i s = 2.3 a (note 2) 0.74 1.2 v t rr diode reverse recovery time 28 ns q rr diode reverse recovery charge i f = 15 a, d if / d t = 100 a/s 18 nc notes: 1. r q ja is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. r q jc is guaranteed by design while r q ca is determined by the user's board design. a) r q ja = 45c/w when mounted on a 1in 2 pad of 2 oz copper b) r q ja = 96c/w when mounted on a minimum pad. scale 1 : 1 on letter size paper 2. pulse test: pulse width < 300 m s, duty cycle < 2.0% 3. maximum current is calculated as: where p d is maximum power dissipation at t c = 25c and r ds( on) is at t j(max) and v gs = 10v. package current limitation is 21a fdd6670a
fdd6670a rev. e(w) typical characteristics 0 20 40 60 80 100 0 0.5 1 1.5 2 2.5 v ds , drain-source voltage (v) i d , drain current (a) 3.5v v gs =10v 4.0v 3.0v 4.5v 6.0v 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 0 20 40 60 80 100 i d , drain current (a) r ds(on) , normalized drain-source on-resistance v gs = 3.0v 4.0v 6.0v 4.5v 3.5v 10v figure 1. on-region characteristics figure 2. on-resistance variation with drain current and gate voltage 0.6 0.8 1 1.2 1.4 1.6 -50 -25 0 25 50 75 100 125 150 t j , junction temperature ( o c) r ds(on) , normalized drain-source on-resistance i d = 15a v gs = 10v 0.005 0.0075 0.01 0.0125 0.015 0.0175 0.02 2 4 6 8 10 v gs , gate to source voltage (v) r ds(on) , on-resistance (ohm) i d = 8a t a = 125 o c t a = 25 o c figure 3. on-resistance variation withtemperature figure 4. on-resistance variation with gate-to-source voltage 0 15 30 45 60 75 90 1.5 2 2.5 3 3.5 4 v gs , gate to source voltage (v) i d , drain current (a) t a =125 o c 25 o c v ds = 5v -55 o c 0.0001 0.001 0.01 0.1 1 10 100 1000 0 0.2 0.4 0.6 0.8 1 1.2 v sd , body diode forward voltage (v) i s , reverse drain current (a) t a = 125 o c 25 o c -55 o c v gs = 0v figure 5. transfer characteristics figure 6. body diode forward voltage variation with source current and temperature fdd6670a
fdd6670a rev. e(w) typical characteristics 0 2 4 6 8 10 0 5 10 15 20 25 30 35 q g , gate charge (nc) v gs , gate-source voltage (v) i d = 15a v ds = 10v 15v 20v 0 400 800 1200 1600 2000 2400 0 5 10 15 20 25 30 v ds , drain to source voltage (v) capacitance (pf) c iss c rss c oss f = 1mhz v gs = 0 v figure 7. gate charge characteristics figure 8. capacitance characteristics 0.01 0.1 1 10 100 1000 0.01 0.1 1 10 100 v ds , drain-source voltage (v) i d , drain current (a) dc 1s 100ms r ds(on) limit v gs = 10v single pulse r q ja = 96 o c/w t a = 25 o c 10ms 1ms 100s 10s 0 20 40 60 80 100 0.01 0.1 1 10 100 t 1 , time (sec) p(pk), peak transient power (w) single pulse r q ja = 96c/w t a = 25c figure 9. maximum safe operating area figure 10. single pulse maximum power dissipation 0.001 0.01 0.1 1 0.001 0.01 0.1 1 10 100 1000 t 1 , time (sec) r(t), normalized effective transient thermal resistance r q ja (t) = r(t) * r q ja r q ja = 96 c/w t j - t a = p * r q ja (t) duty cycle, d = t 1 / t 2 p(pk) t 1 t 2 single pulse 0.0 0.02 0.05 0.1 0.2 d = 0.5 figure 11. transient thermal response curve thermal characterization performed using the conditions described in note 1b. transient thermal response will change depending on the circuit board design. fdd6670a
disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. trademarks the following are registered and unregistered trademarks fairchild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms datasheet identification product status definition advance information preliminary no identification needed obsolete this datasheet contains the design specifications for product development. specifications may change in any manner without notice. this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains specifications on a product that has been discontinued by fairchild semiconductor. the datasheet is printed for reference information only. formative or in design first production full production not in production isoplanar? littlefet? microcoupler? microfet? micropak? microwire? msx? msxpro? ocx? ocxpro? optologic ? optoplanar? pacman? pop? fast ? fastr? fps? frfet? globaloptoisolator? gto? hisec? i 2 c? i-lo ? implieddisconnect? rev. i11 acex? activearray? bottomless? coolfet? crossvolt ? dome? ecospark? e 2 cmos? ensigna? fact? fact quiet series? power247? powersaver? powertrench ? qfet ? qs? qt optoelectronics? quiet series? rapidconfigure? rapidconnect? serdes? silent switcher ? smart start? spm? stealth? superfet? supersot?-3 supersot?-6 supersot?-8 syncfet? tinylogic ? tinyopto? trutranslation? uhc? ultrafet ? vcx? across the board. around the world.? the power franchise ? programmable active droop?
|